PART |
Description |
Maker |
RL207-TP RL206-TP RL205-TP RL202-TP |
DIODE STD REC 2A 1000V DO15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 800V DO15 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 600V DO15 2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 DIODE STD REC 2A 100V DO15 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
BA7746 BA7746FS BA7746S A5801053 BA7746S/FS |
VCR Hi-Fi audio signal REC / PB amplifier Video LSIs > VCR audio signal processor > PRE/REC amplifier for Hi-Fi audio From old datasheet system VCR Hi-Fi Audio Signal REC / PB Amplifier(VCR高保真音频信号放大器)
|
ROHM[Rohm] Rohm CO.,LTD.
|
5013001539 501330-0739 501330-0639 501330-1000 501 |
1.0 WIRE TO BOARD CONN. 1-ROW RECEPACLE HOUSING 6-15CKT. 1.0 W/B 1-Row Rec Hsg 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 W/B 1-Row Rec Hsg 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
71979-0215 71979-0210 71979-0213 71979-1909 71979- |
CGrid SMT RA Erly Rec DR 15 SAu 30Ckt 30 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 20Ckt 20 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 26Ckt 26 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 30 SAu 18Ckt 18 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 22Ckt 22 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 24Ckt 24 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CGrid SMT RA Erly Rec DR 15 SAu 50Ckt 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 56 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
1-160759-1 1-160759-2 1-160759-4 1-160759-9 2-1607 |
POSITIVE LOCK REC
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
CXA2500 CXA2500M CXA2500N |
Dual REC/PB Preamplifier
|
SONY[Sony Corporation]
|
90635-1101 90635-0201 90635-1261 |
1.27mm QF50 Rec Vt PrLd Polz .1GF 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 1.27mm QF50 Rec Vt Polz .1GF 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm QF50 Rec Vt PrLd Polz .1GF 26Ckt 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE
|
Molex, Inc.
|
CXA1702AR |
4-channel REC/PB Amplifier for 8 mm VCR
|
SONY[Sony Corporation]
|
CXD8989R |
CMOS A/V Data REC Processor
|
ETC
|
|